|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Photo Interrupter(Reflective) KPI-3020R Dimensions (Unit : mm) Features * * * * * Miniature Leadfree Surface Mount Package Reflective with Phototransistor Output Reflow Soldering Optical Sensing Distance : 1.0mm RoHS compliant and Lead free package Applications * * * * * Limit Switch for linear drive system Edge Sensor Digital Camera Module AF Camera Phone Module Detection of object presence or motion. ABSOLUTE MAXIMUM RATINGS Parameter Forward current Input Reverse voltage Power dissipation Collector-emitter voltage Emitter-collector voltage Collector current Collector power dissipatio Symbol IF VR PD VCEO VECO IC PC Ptot Topr Tsol (Ta=25C) Rating Unit 50 mA 5 V 75 mW 30 V 5 20 50 100 -20 to+85 260 V mA mW mW C C Output Total power dissipation Operating temperature Soldering temperature *1 *1. For 5 sec or less Electro-optical Characteristics Parameter Forward voltage Reverse current Input Output Transfer Characteristic Symbol IF IR p ICEO IC ILEAK tr tf Conditions IF=20mA VR=5V VCE=10V IF=2mA, V CE=2V IF=2mA, V CE=2V VCE=2V, IC=100A RL=K1, d=1mm Min. - Typ. 1.2 940 1 (Ta=25C) Max. Unit 1.4 V 10 100 A nm nA A A A s Peak wavelength Collector dark current Collector current Leakage current Response Rise time time Fall time 100 - 380 30 25 750 20 100 100 |
Price & Availability of KPI-3020R |